Part Number Hot Search : 
XN01507 SI6969DQ HCM32PT HD74AL HD74AL 1N444 P15N12 15326922
Product Description
Full Text Search
 

To Download MIP0210SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Intelligent Power Devices (IPDs)
MIP0210SP
Silicon MOS IC
s Features
q Single chip IC with high breakdown voltage power MOS FET and CMOS control circuits q Allowing to input worldwide mains (AC 85 to 274V) q A pulse-by-pulse overcurrent protection circuit and a timer autorestart circuit are integrated.
unit: mm
0.50.1
1 2 3
8
1.20.25
7 6 5 6.30.2
9.40.3
s Applications
q Switching power supply (to 7W) q AC adaptor q Battery charger
4
2.540.25
0.6 -0.1
+0.25
3.80.25 4.00.3
7.620.25
s Absolute Maximum Ratings (Ta = 25 3C)
Parameter Drain voltage Control voltage Output current Control current Channel temperature Storage temperature Symbol VD VC ID IC Tch Tstg Ratings 700 8 1.25 0.1 150 -55 to +150 Unit V V A mA C C
3 to 15
1: Source 2: Source +0.1 3: Source .05 0.25 -0 4: Control 5: Drain 6: Source 7: Source 8: Source DIL-8P Type Package
s Block Diagram
Auto-restart Control pin Shunt regulator + 5.7V 4.7V Shutdown/Auto-restart Power supply for internal circuit 1/2 1/2 Auto-restart current-source 1/2
Drain pin
+ -
Ron X ID Timer auto-restart circuit + Power MOS FET Q
PWM control current
Thermal shutdown circuit
S Restarting trigger circuit R
Q
Max Duty Clock Sawtooth + S R Q Q Leading edge blanking
RE
Low pass filter
Minimum ON-time delay circuit Source pin
1
Intelligent Power Devices (IPDs)
s Electrical Characteristics (TC = 25 2C)
Parameter Output frequency Control functions Maximum duty cycle Minimum duty cycle Control pin charging current Auto-restart threshold voltage Auto-restart Lockout threshold voltage Auto-restart hysteresis voltage Auto-restart duty cycle Auto-restart frequency Self-protection current limit Leading edge blanking delay Circuit protection Current limit delay Symbol fOSC IC = 2mA Conditions min 90 64
MIP0210SP
typ 100 67
max Unit 110 70 3 -1.2 kHz % % mA V V V % Hz 0.35 A s s 150 4.2 36 0.25 C V mA V s s V
MAXDC IC = 2mA MINDC IC = 10mA IC VC(on) VC(off) VC TSW/TTIM fTIM ILIMIT ton(BLK) td(OCL) IC = 3mA IC = 3mA IC = 3mA ID = 50mA VDS = 650V, Output MOS FET disabled VC = 0 VC = 5V
-2.4 -1.9 -2 5 4 0.5
-1.5 - 0.8 5.7 4.7 1 5 1.2 6.3 5.3 1.5 8
0.23
0.29 0.25 0.1
Thermal shutdown temperature TOTP Power-up reset threshold voltage VC reset ON-state resistance OFF-state current Output Breakdown voltage Rise time Fall time Drain supply voltage Power supply voltage Shunt regulator voltage Control supply/discharge current RDS(on) IDSS VDSS tr tf VD(MIN) VC ICD1 ICD2
130 2.3
140 3.3 31 0.01
ID = 0.25mA, Output MOS FET disabled 700 0.1 0.1 36 IC = 3mA Output MOS FET enabled Output MOS FET disabled 5.5 0.7 0.5 5.8 1.4 0.8 6.1 1.8 1.1 0.2 0.2
V mA mA
2


▲Up To Search▲   

 
Price & Availability of MIP0210SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X